Part Number Hot Search : 
TP518 A471J U1FWJ44M DTA123Y SA12A M304206 3SH21 DSOD323
Product Description
Full Text Search
 

To Download IRHN7250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90679F
RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-1)
Product Summary
Part Number IRHN7250 IRHN3250 IRHN4250 IRHN8250 Radiation Level 100K Rads (Si) 300K Rads (Si) 600K Rads (Si) 1000K Rads (Si) RDS(on) 0.1 0.1 0.1 0.1 HEXFET(R) ID 26A 26A 26A 26A
IRHN7250 JANSR2N7269U 200V, N-CHANNEL REF:MIL-PRF-19500/603
RAD-Hard HEXFET TECHNOLOGY
TM (R)
QPL Part Number JANSR2N7269U JANSF2N7269U JANSG2N7269U JANSH2N7269U
SMD-1
International Rectifier's RADHard technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low Rds(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
Features:
n n n n n n n n n n
Single Event Effect (SEE) Hardened Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Surface Mount Ceramic Package Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ T STG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Package Mounting Surface Temperature Weight For footnotes refer to the last page 26 16 104 150 1.2 20 500 26 15 5.0 -55 to 150 300 for 5 sec) 2.6 (Typical )
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
g
www.irf.com
1
12/17/01
IRHN7250
Pre-Irradiation
Electrical Characteristics @ Tj = 25C (Unless Otherwise Specified)
Parameter
BVDSS Drain-to-Source Breakdown Voltage BVDSS/TJ Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage g fs Forward Transconductance IDSS Zero Gate Voltage Drain Current
Min
200 -- -- -- 2.0 8.0 -- -- -- -- -- -- -- -- -- -- -- --
Typ Max Units
-- 0.27 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 -- -- 0.10 0.11 4.0 -- 25 250 100 -100 170 30 60 33 140 140 140 -- V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID =16A VGS = 12V, ID = 26A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 16A VDS= 160V ,VGS=0V VDS = 160V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =12V, ID =26A VDS = 100V VDD = 100V, ID =26A VGS =12V, RG = 2.35
IGSS IGSS Qg Q gs Q gd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (`Miller') Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA
nC
ns
nH
Measured from the center of drain pad to center of source pad VGS = 0V, VDS = 25V f = 1.0MHz
C iss Coss Crss
Input Capacitance Output Capacitance Reverse Transfer Capacitance
-- -- --
4700 850 210
-- -- --
pF
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
-- -- -- -- -- -- -- -- -- -- 26 104 1.4 820 12
Test Conditions
A
V nS C Tj = 25C, IS = 26A, VGS = 0V Tj = 25C, IF = 26A, di/dt 100A/s VDD 25V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
R thJC RthJ-PCB Junction-to-Case Junction-to-PC board
Min Typ Max Units
-- -- -- 6.6 0.83 --
C/W
Test Conditions
Soldered to a 1 inch square clad PC board
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Radiation Characteristics Pre-Irradiation
IRHN7250
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
BVDSS VGS(th) IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source On-State Resistance (TO-3) Static Drain-to-Source On-State Resistance (SMD-1) Diode Forward Voltage
100 K Rads(Si)1
300 - 1000K Rads (Si)2
Units V nA A V
Test Conditions
VGS = 0V, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V VGS = -20 V VDS=160V, VGS =0V VGS = 12V, ID =16A VGS = 12V, ID =16A VGS = 0V, IS = 26A
Min 200 2.0 -- -- -- -- -- --
Max -- 4.0 100 -100 25 0.100 0.100 1.4
Min 200 1.25 -- -- -- -- -- --
Max -- 4.5 100 -100 50 0.155 0.155 1.4
1. Part number IRHN7250 (JANSR2N7269U) 2. Part numbers IRHN3250, IRHN4250 and IRHN8250 (JANSF2N7269U, JANSG2N7269U and JANSH2N7269U)
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion LE T MeV/(mg/cm)) 28 36.8 Energy (MeV) 285 305 Range (m) @VGS=0V Cu Br 43 39 190 100 180 100 VD S(V) @VGS=-5V @VGS=-10V 170 100 @VGS=-15V 125 50 @VGS=-20V -- --
200 150 VDS 100 50 0 0 -5 -10 VGS -15 -20 Cu Br
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHN7250
Post-Irradiation Pre-Irradiation
Fig 1. Typical Response of Gate Threshhold Fig 2. Typical Response of On-State Resistance Vs. Total Dose Exposure Voltage Vs. Total Dose Exposure
Fig 3. Typical Response of Transconductance Vs. Total Dose Exposure
Fig 4. Typical Response of Drain to Source Breakdown Vs. Total Dose Exposure
4
www.irf.com
Post-Irradiation Pre-Irradiation
IRHN7250
Fig 5. Typical Zero Gate Voltage Drain Current Vs. Total Dose Exposure
Fig 6. Typical On-State Resistance Vs. Neutron Fluence Level
Fig 8a. Gate Stress of VGSS Equals 12 Volts During Radiation
Fig 7. Typical Transient Response of Rad Hard HEXFET During 1x1012 Rad (Si)/Sec Exposure
Fig 8b. VDSS Stress Equals 80% of BVDSS During Radiation
www.irf.com
5
IRHN7250
Note: Bias Conditions during radiation: VGS = 12 Vdc, VDS = 0 Vdc
RadiationPost-Irradiation Characteristics Pre-Irradiation
Fig 9. Typical Output Characteristics Pre-Irradiation
Fig 10. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 11. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 12. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
6
www.irf.com
Radiation Characteristics Pre-Irradiation
Note: Bias Conditions during radiation: VGS = 0 Vdc, VDS = 160 Vdc
IRHN7250
Fig 13. Typical Output Characteristics Pre-Irradiation
Fig 14. Typical Output Characteristics Post-Irradiation 100K Rads (Si)
Fig 15. Typical Output Characteristics Post-Irradiation 300K Rads (Si)
Fig 16. Typical Output Characteristics Post-Irradiation 1 Mega Rads (Si)
www.irf.com
7
IRHN7250
Pre-Irradiation
Fig 17. Typical Output Characteristics
Fig 18. Typical Output Characteristics
Fig 19. Typical Transfer Characteristics
Fig 20. Normalized On-Resistance Vs. Temperature
8
www.irf.com
Pre-Irradiation
IRHN7250
29
Fig 21. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 22. Typical Gate Charge Vs. Gate-to-Source Voltage
Fig 23. Typical Source-Drain Diode Forward Voltage
Fig 24. Maximum Safe Operating Area
www.irf.com
9
IRHN7250
Pre-Irradiation
VDS VGS RG
RD
D.U.T.
+
-VDD
VGS
Pulse Width 1 s Duty Factor 0.1 %
Fig 26a. Switching Time Test Circuit
VDS 90%
10% VGS
Fig 25. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 26b. Switching Time Waveforms
Fig 27. Maximum Effective Transient Thermal Impedance, Junction-to-Case
10
www.irf.com
Pre-Irradiation
IRHN7250
1 5V
VD S
L
D R IV E R
RG
D .U .T
IA S
+ - VD D
A
VGS 20V
tp
0 .0 1
Fig 28a. Unclamped Inductive Test Circuit
V (B R )D S S tp
Fig 28c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 28b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 29a. Basic Gate Charge Waveform
Fig 29b. Gate Charge Test Circuit
www.irf.com
11
IRHN7250
Pre-Irradiation
Foot Notes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 25V, starting TJ = 25C, L=1.48mH Peak IL = 26A, VGS =12V ISD 26A, di/dt 190A/s, VDD 200V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with VDS Bias. 160 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions -- SMD-1
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 12/01
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRHN7250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X